Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 86Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 87Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 88Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 89Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 90Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 91Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 92Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 93Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 162 page
background image
Page 78
ADU2 Operation and Reference Manual
In decimal almanac (DAL) format, the + sign is suppressed for a positive value in the
power of E. The spaces are for readability. Note that if this message is enabled at the
same time ALM is, ALM takes precedence and DAL is not output.
$PASHS,NME,GGA,x, ON/OFF
Enable/disable NMEA GPS position response message on port x, where x is either
port A or B, and y is ON or OFF. This message does not output unless position is
computed.
Example: Enable GGA on port A
$PASHS,NME,GGA,A,ON<Enter>
$GPGGA
NMEA response message for GGA (GPS position):
Format:
$GPGGA,hhmmss.ss,ddmm.mmmmm,s,dddmm.mmmmm,s,n,q
q,pp.p,saaaaa.aa,M,±xxxx.xx,M,sss,aaaa *cc<CR><LF>
where Table 5.20 lists the structure:
Table 5.20: $GPGGA Response Messages
Field
Description
hhmmss.ss
Current UTC time, hhmmss, of position fix in hours, minutes
and seconds.
ddmm.mmmmmm
Latitude component of position, ddmm.mmmmm, in degrees,
minutes and fraction of minutes.
s
Latitude sector, s = N - North, s = S - South.
dddmm.mmmmm
Longitude component of position, dddmm.mmmmm, in
degrees, minutes and fraction of minutes.
s
Longitude sector, s = E - East, s = W - West.
n
Raw/differential position, n
n = 1 - Raw; position is not differential corrected
n = 2 - position is deferentially corrected.
n = 9 - position computed using almanac information
qq
qq = number of SVs used in position computation.
pp.p
HDOP - horizontal dilution of precision, pp.p = 00.0 to 99.9.
saaaa.aa
GPS Sensor-computed altitude, saaaaa
s = "+" or "-"
aaaaa = Altitude 00000 to 30000 meters above WGS-84 refer-
ence ellipsoid. For 2-D position computation this item con-
tains the altitude used to compute the position computation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com