Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 91Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 92Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 93Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 94Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 95Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 96Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 97Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 98Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 162 page
background image
Command Response Formats
Page 83
$GPGSV
NMEA response message for GSV (satellites in view).
Format:
$GPGSV,a,b,cc,dd,ee,fff,gg,hh,ii,jjj,kk,ll,mm,nnn,oo,pp,qq,rrr,ss
<CR><LF>
where Table 5.26 lists the structure:
Example:
$GPGSV,2,1,06,23,53,041,99,28,55,273,99,11,24,326,55,17,36,10
1,68 <CR><LF>
$PASHS,NME,GXP,x, ON/OFF
Enable/disable position horizontal message on port x, where x is either port A or B,
and y is ON or OFF. This message is not output unless position is computed.
Example: Output GXP message on port B
$PASHS,NME,GXP,B,ON<Enter>
$GPGXP
NMEA response message for GXP (position horizontal).
Format:
$GPGXP,hhmmss.ss,aaaa.aaaa,N/S,bbbb.bbbb,E/W <CR> <LF>
Table 5.26: Satellites Tracked
Field
Description
a
Total number of messages (1 to 3)
b
Message number (1 to 3)
cc
Total number of satellites in view
dd
Satellite PRN number
ee
Elevation (degrees)
fff
Azimuth (degrees)
gg
SNR (0 to 99 dB), null when not tracking
hh
Same as 4,5,6,7 but for second satellite
ii
Same as 4,5,6,7 but for third satellite
jjj
Same as 4,5,6,7 but for fourth satellite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com