Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 70Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 71Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 72Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 73Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 74Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 75Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 76Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 77Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 162 page
background image
Page 62
ADU2 Operation and Reference Manual
Measurement quality (Good/bad
flag)
indicates the quality in the measurement of position.
0 = measurement not available and no additional data will be
sent
22 = code and/or carrier phase measured
23 = code and/or carrier phase measured, and navigation
message was obtained but measurement was not used to
compute position.
24 = code and/or carrier phase measured, navigation message
was obtained, and measurement was used to compute position.
Polarity known flag
shows synchronization stage of receiver with NAV message
0 = looking for data bit transition
1 = looking for valid data bit
2 = looking for subframe preamble
3 = reading subframe ID
4 = waiting for first subframe ID
5 = receiver completely synchronized to NAV message
Signal to noise ratio (signal/noise)
high signal level with low noise level indicates good quality
signal. Typical range 15 to 130.
Phase quality indicator (%)
to obtain this value, an equation using carrier phase and
integrated doppler is computed. The result should be a value
close to an integer. Values from 0 to 5 or 95 to 100 indicate
good quality.
Full carrier phase (in cycles)
total number of cycles plus fraction of the range between the
antenna and the satellite.
Code transmit time (ms)
length of time of code transmission (t or pseudorange). The
satellite clock offset correction from GPS time is not included.
Doppler (10
-4 Hz)
doppler measurement.To get doppler in units of Hz, divide this
number by 10,000. Doppler is positive when the satellite is
moving away from the antenna, negative if it is moving
toward.
Range smoothing correction (in
meters)
raw range minus smoothed range. The smoothed range is
obtained by filtering the raw range with the integrated doppler.
Range smoothing quality
indicates how long the raw range has been smoothed.
Footer
Checksum (displayed in decimal)
a bytewise exclusive OR (xor) on all bytes from the sequence
tag to the checksum.
Table 5.8: MBEN Data in ASCII (continued)
Variable
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com