Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 88Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 89Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 90Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 91Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 92Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 93Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 94Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 95Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 162 page
background image
Page 80
ADU2 Operation and Reference Manual
$GPGLL,3723.2810,N,12202.2410,W,180236.14,A <CR> <LF>
$PASHS,NME,GRS,x, ON/OFF
Enables/disables the NMEA satellite range residual response message to port x,
where x is A, B, or C, and y is ON or OFF. This message is not output unless a
position is computed.
Example: Enable GRS message on port C
$PASHS,NME,GRS,C,ON followed by output command
$PASHS,OUT,x,NMEA where x is the output port.
$GPGRS
NMEA response message for GRS (satellite range residual).
Format:
$GPGRS,hhmmss.ss,a,sxx.x,syy.y......<CR><LF>
where Table 5.22 lists the structure:
Example:
$GPGRS,184958.5,1,+00.4,+02.1,+03.0,-01.8,+02.2,-05.9
<CR><LF>
$PASHS,NME,GSA,x, ON/OFF
Enable/disable DOP and active satellite message to be sent out to the serial port,
where x is port A or B, and y is ON or OFF. This message is output even if a position
is not computed.
Example: Enable GSA message on port B
$PASHS,NME,GSA,B,ON<Enter>
$GPGSA
NMEA response message for DOP and active satellite.
Table 5.22: Satellite Range Residuals
Field
Description
hhmmss.ss
UTC of position (hours, minutes, seconds, hundredths of a second)
a
Mode used to compute range residuals
0: Residuals were used to compute the position given in the matching GGA line
1: Residuals were recomputed after the GGA position was computed
sxx.x
Satellite 1 range residual in meters
syy.y
Satellite 2 range residual in meters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com