Electronic Components Datasheet Search
  English  ▼

X  

ADU2 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 36Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 37Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 38Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 39Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 40Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 162 page
background image
Page 28
ADU2 Operation and Reference Manual
provides guidelines for recording intervals, duration of collection, and number of data
sets.
1.
Start ADULOG by typing adulog <ENTER> at the DOS prompt. The
main screen opens.
2.
Verify the PC Port listed at the bottom of the screen is correct. To change the
PC Port, press 1, 2, 3, or 4 corresponding to the PC Port.
3.
Tab to the Baud field. If the baud rate is not set to 38400, then use Page Up
and Page Down to set the baud rate to 38400.
4.
Tab to the Recording Interval field. Type in the recording interval (in
seconds) as specified in Table 4.1.
5.
Tab to the Elevation Mask field. There is no need to change the elevation
mask from 10°.
6.
Tab to the Target Disk Drive field. If you wish your collection data saved to
files located on a drive other than the C drive, enter the drive letter.
7.
Tab to the Directory field. Type in the name of the directory where you want
your data files saved.
8.
Tab to the Template field. Type cali and press <ENTER>. The template
creates the B and E-file names.
9.
Press F10 to start collecting the data. A dialog box asks
Auto SV selection for best PDOP?
10. Type n. ADULOG starts collecting the data.
11. Continue collecting the data for the time indicated in Table 4.1.
12. After collecting the data, press <Esc> to stop collecting the data.
13. Press <Esc> a second time to exit ADULOG. At prompt message, type y.
14. Verify the B- E- and A- files exist in the working directory by typing dir.
Only B- and E-files are needed for calibration. The first letter of each file
name designates the file type.
Table 4.1: Static Calibration Times
Calibration
Quality
Number of
Data Sets
Duration of Collection
Recording
Interval
Good
1
1 hour
5 seconds
Better
3
1 hour
5 seconds
Best
3
3 hours at 3 hour intervals
between data sets
20 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com