Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 24Page - Power Integrations, Inc. EP11 Datasheet HTML 25Page - Power Integrations, Inc. EP11 Datasheet HTML 26Page - Power Integrations, Inc. EP11 Datasheet HTML 27Page - Power Integrations, Inc. EP11 Datasheet HTML 28Page - Power Integrations, Inc. EP11 Datasheet HTML 29Page - Power Integrations, Inc. EP11 Datasheet HTML 30Page - Power Integrations, Inc. EP11 Datasheet HTML 31Page - Power Integrations, Inc. EP11 Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
EPR-00011 - 70 W Adapter
08-Dec-00
Page 28 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
10.6 Load Transient response (15 to 100% load change)
10.6.1
15 to 100% load change, 85 VAC
The waveforms were captured using a Yokogawa oscilloscope. Upper trace is VOUT_AC,
the output voltage AC coupled and the lower trace is IOUT, the output current. Timebase
is 5 ms/div.
Figure 27 - Transient Response 85 VAC 50 Hz, IOUT: 3.66A to 0.5A
VOUT & IOUT (200 mV & 2A/div, 5ms/div)
VOUT_AC
IOUT
600 mVpk-pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com