Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 40 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 40 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 36Page - Power Integrations, Inc. EP11 Datasheet HTML 37Page - Power Integrations, Inc. EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. EP11 Datasheet HTML 41Page - Power Integrations, Inc. EP11 Datasheet HTML 42Page - Power Integrations, Inc. EP11 Datasheet HTML 43Page - Power Integrations, Inc. EP11 Datasheet HTML 44Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 40 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
-
Input and Output Diodes:
For the power diodes the maximum junction temperature is generally 150
oC.
Depending on the required product life expectancy and the maximum lead
temperature of the PC board material chosen, the actual allowed maximum
junction temperature (TJ ) may be significantly less. Also the junction temperature
(TJ ) will be significantly higher than the tab temperature (TC) and must be
computed from the measured tab temperature and the estimated power
dissipation in the device using the thermal impedance junction to case (
θ
JC) of the
device given in its data sheet.
-
Magnetic Components:
If the transformer and the other magnetic components use 130
oC magnet wire in
their construction, then the maximum hot spot temperature is limited to 105
oC.
Higher operating temperatures are possible with higher temperature rated wire.
Generally, however, the ferrite core temperatures should be limited to near 100
oC
to maintain the saturation flux density.
13.5 Conclusion:
Careful design and rigorous testing are required to ensure that a design will perform
adequately under high load and high temperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com