Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 12Page - Power Integrations, Inc. EP11 Datasheet HTML 13Page - Power Integrations, Inc. EP11 Datasheet HTML 14Page - Power Integrations, Inc. EP11 Datasheet HTML 15Page - Power Integrations, Inc. EP11 Datasheet HTML 16Page - Power Integrations, Inc. EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. EP11 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 16 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
DC INPUT VOLTAGE
PARAMETERS
VMIN
82 Volts
Minimum DC Input Voltage
VMAX
375 Volts
Maximum DC Input Voltage
CURRENT WAVEFORM SHAPE
PARAMETERS
DMAX
0.62
Maximum Duty Cycle
IAVG
1.00 Amps
Average Primary Current
IP
2.32 Amps
Peak Primary Current
IR
1.39 Amps
Primary Ripple Current
IRMS
1.31 Amps
Primary RMS Current
TRANSFORMER PRIMARY DESIGN
PARAMETERS
LP
273 uHenries
Primary Inductance
NP
18
Primary Winding Number of Turns
NB
2
Bias Winding Number of Turns
ALG
834 nH/T^2
Gapped Core Effective Inductance
BM
2934 Gauss
Maximum Flux Density at PO, VMIN (BM<3000)
BP
4140 Gauss
Peak Flux Density (BP<4200)
BAC
880 Gauss
AC Flux Density for Core Loss Curves (0.5 X Peak to Peak)
ur
191
Relative Permeability of Ungapped Core
LG
0.16 mm
Gap Length (Lg > 0.1 mm)
BWE
12.88 mm
Effective Bobbin Width
OD
0.71 mm
Maximum Primary Wire Diameter including insulation
INS
0.07 mm
Estimated Total Insulation Thickness (= 2 * film thickness)
DIA
0.64 mm
Bare conductor diameter
AWG
23 AWG
Primary Wire Gauge (Rounded to next smaller standard AWG value)
CM
512 Cmils
Bare conductor effective area in circular mils
CMA
390
Cmils/Am
p
Primary Winding Current Capacity (200 < CMA < 500)
TRANSFORMER SECONDARY DESIGN
PARAMETERS (SINGLE OUTPUT / SINGLE
OUTPUT EQUIVALENT)
Lumped parameters
ISP
13.96 Amps
Peak Secondary Current
ISRMS
6.22 Amps
Secondary RMS Current
IO
3.65 Amps
Power Supply Output Current
IRIPPLE
5.05 Amps
Output Capacitor RMS Ripple Current
CMS
1245 Cmils
Secondary Bare Conductor minimum circular mils
AWGS
19 AWG
Secondary Wire Gauge (Rounded up to next larger standard AWG
value)
DIAS
0.91 mm
Secondary Minimum Bare Conductor Diameter
ODS
3.07 mm
Secondary Maximum Outside Diameter for Triple Insulated
Wire
INSS
1.08 mm
Maximum Secondary Insulation Wall Thickness
VOLTAGE STRESS
PARAMETERS
VDRAIN
647 Volts
Maximum Drain Voltage Estimate (Includes Effect
of Leakage Inductance)
PIVS
81 Volts
Output Rectifier Maximum Peak Inverse Voltage
PIVB
52 Volts
Bias Rectifier Maximum Peak Inverse Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com