Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 5Page - Power Integrations, Inc. EP11 Datasheet HTML 6Page - Power Integrations, Inc. EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. EP11 Datasheet HTML 10Page - Power Integrations, Inc. EP11 Datasheet HTML 11Page - Power Integrations, Inc. EP11 Datasheet HTML 12Page - Power Integrations, Inc. EP11 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
EPR-00011 - 70 W adapter
22-Jan-01
Page 9 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
voltage at zero load. By lowering the switching frequency, no-load power consumption is
also greatly reduced.
The bias winding is rectified and filtered by D3, R3 and C8 to create a bias voltage to
power the TOP249Y. A 1
µF capacitor is required for C8 to maintain sufficient voltage
during zero to full load transients. Resistor R8 provides leakage inductance filtering to
prevent peak charging. A ceramic capacitor is shown for C8 however for lower cost an
electrolytic type can be used.
Common mode choke L3 and capacitor C12 attenuate common-mode emission currents
caused by high-voltage switching waveforms on the drain side of the primary winding and
the primary to secondary capacitance. Inductor L2 in conjunction with C5, C15 and C16
attenuate differential-mode emission currents caused by the fundamental and harmonics
of the primary current waveform.
Capacitor C16 provides a high frequency bypass of C7 which shortens the loop formed
by these high frequencies passing through the transformer primary and thus reduces
both the differential and common mode conducted noise.
Frequency jitter is employed by the TOPSwitch-GX family to reduce the conducted noise
as measured for both the CISPR and EN standards (see section 12)
Capacitor C17 filters internal MOSFET gate-drive charge current spikes on the
CONTROL pin and together with R11 and C11 determines the auto-restart frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com