Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 38 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 38 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 34Page - Power Integrations, Inc. EP11 Datasheet HTML 35Page - Power Integrations, Inc. EP11 Datasheet HTML 36Page - Power Integrations, Inc. EP11 Datasheet HTML 37Page - Power Integrations, Inc. EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. EP11 Datasheet HTML 41Page - Power Integrations, Inc. EP11 Datasheet HTML 42Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 38 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
13.1 Efficiency:
Items to consider for maximising efficiency:
• Transformer:
-
Minimise leakage inductance and conduction losses
-
Use highest possible duty factor and operate in continuous mode for reduced
peak currents (the copper window of the transformer bobbin may limit this)
• Output Diodes:
-
Use low forward drop, higher current rated diodes
-
Use Schottky-barrier diodes when possible
-
Parallel diodes to reduce forward drop. Take care to make sure that paralleled
diodes share current equally (the EP11 uses dual secondary windings and a
common heat sink to achieve this).
-
Allow diodes to run as hot as possible (consistent with maximum board
temperature and component life constraints). This will minimize the forward
drop.
• Power Switch (TOPSwitch-GX):
-
Use a lower RDS(ON) part (the TOP249 used in the EP11 is capable of over
250 Watts in an open frame design)
-
Use the highest possible maximum operating duty cycle to reduce conduction
losses (this must be balanced against increased leakage and transformer
losses).
• Line Filter:
-Use as few turns as possible for inductor windings
-
Increase capacitor value (rather than inductor value) where practical, to
minimize differential choke size down.
13.2 Heat Sinking:
Heat sinking power devices such as the TOPSwitch-GX, input diodes, and output diodes
will be more critical in an adapter application than in open frame designs. This is largely
because all of the generated heat must be CONDUCTED through the enclosure walls.
The heat sinks used in EP11 are made of copper. Copper has high thermal conductivity
(~3.94 W/cm
oC), but it is heavy. Aluminum may be used instead. It is lighter, but it has
somewhat lower thermal conductivity (~2.18 W/cm
oC). The net thermal conductivity
from the heat generating components to the outside air of the adapter’s enclosure
together with the overall efficiency of the supply determines the maximum continuous
power output for a given environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com