Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 15Page - Power Integrations, Inc. EP11 Datasheet HTML 16Page - Power Integrations, Inc. EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. EP11 Datasheet HTML 20Page - Power Integrations, Inc. EP11 Datasheet HTML 21Page - Power Integrations, Inc. EP11 Datasheet HTML 22Page - Power Integrations, Inc. EP11 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
EPR-00011 - 70 W adapter
22-Jan-01
Page 19 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
Load Regulation
18
18.5
19
19.5
20
00.511.522.533.5
4
Output Current (ADC)
85 VAC
265 VAC
Figure 9 - Load Regulation
Overload Output Current vs Vin
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
50
100
150
200
250
300
Input Line Voltage (VAC 60 Hz)
R12=24.3K
R12=20.5K
TAMB=25 C
Figure 10 - Maximum Overload Current (auto-restart threshold) vs Line Voltage
(2 values of R12)
Note: User can program resistor R12 to give desired overload characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com