Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  EP11 Datasheet HTML 1Page - Power Integrations, Inc. EP11 Datasheet HTML 2Page - Power Integrations, Inc. EP11 Datasheet HTML 3Page - Power Integrations, Inc. EP11 Datasheet HTML 4Page - Power Integrations, Inc. EP11 Datasheet HTML 5Page - Power Integrations, Inc. EP11 Datasheet HTML 6Page - Power Integrations, Inc. EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
22-Jan-01
EPR-00011 - 70 W Adapter
Page 3 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
13 Appendix A - Thermal considerations: ...................................................................... 37
13.1
Efficiency: .......................................................................................................... 38
13.2
Heat Sinking: ..................................................................................................... 38
13.3
Heat Spreading and Enclosure Surface Temperature: ...................................... 39
13.4
Component Temperature: .................................................................................. 39
13.5
Conclusion: ........................................................................................................ 40
14 Appendix B - Custom Component Documentation:................................................... 41
14.1
Toroid Filter Inductor (L2): ................................................................................. 41
14.2
Output Inductor (L1)........................................................................................... 42
14.3
Heat sink #1 (TOPSwitch-GX and Input Bridge)................................................ 43
14.4
Heat sink #2 (Output Diodes) ............................................................................ 43
15 Revision History ........................................................................................................ 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com