Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 10Page - Power Integrations, Inc. EP11 Datasheet HTML 11Page - Power Integrations, Inc. EP11 Datasheet HTML 12Page - Power Integrations, Inc. EP11 Datasheet HTML 13Page - Power Integrations, Inc. EP11 Datasheet HTML 14Page - Power Integrations, Inc. EP11 Datasheet HTML 15Page - Power Integrations, Inc. EP11 Datasheet HTML 16Page - Power Integrations, Inc. EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 14 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
TRANSFORMER CONSTRUCTION:
1/2 Primary Winding
Start at pin 2. Wind 9 turns of 2 parallel strands of item [3]
from left to right. Wind a single layer and finish at pin 1.
Shield Band (*see diagram)
Prepare cuffed foil [5]. Start at unterminated end of foil and
wind one (1) complete turn of foil around bobbin. Terminate
at pin 1 and cover with tape [8].
Secondary Winding
Attach Tri-filar item [4] to pin 12. Attach Tri-filar item [4] to
pin 11. Interleaving windings, wind across the bobbin.
From pin 12, wind 3 turns and finish at pin 9. From pin
11,wind 3 turns and finish at pin 8.
Foil Band (*see diagram)
Prepare cuffed foil [5]. Start at pin 6 and wind 2 complete
turns of foil around bobbin and terminate at pin 5.
Basic Insulation
1 layer of tape [8] for insulation.
1/2 Primary Winding
Start at pin 3. Wind 9 turns of 2 parallel strands of item [3]
from left to right. Wind a single layer and finish at pin 2.
Basic Insulation
1 layer of tape [8] for insulation.
Core
Affix center gapped core to bobbin.
Final Assembly and Core Contact
Wrap core with copper foil tape [6] Attach wire to pin 1 and
to copper tape.
Apply Tape to outside of Core
Wrap one layer of tape [10] around core. (see figure above)
Impregnation
Varnish Impregnate using [9]
6.1
Transformer Sources
For information on the vendors used to source the transformer, please visit our website at
the address below and select Engineering Prototype Boards
http://www.powerint.com/componentsuppliers.htm
Due to proximity of
secondary components
(R4, R13), wrap one
layer of tape [10] around
core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com