Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  EP11 Datasheet HTML 1Page - Power Integrations, Inc. EP11 Datasheet HTML 2Page - Power Integrations, Inc. EP11 Datasheet HTML 3Page - Power Integrations, Inc. EP11 Datasheet HTML 4Page - Power Integrations, Inc. EP11 Datasheet HTML 5Page - Power Integrations, Inc. EP11 Datasheet HTML 6Page - Power Integrations, Inc. EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
22-Jan-01
EPR-00011 - 70 W Adapter
Page 5 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
Figure 1 - EP11 Inside Commercial Laptop Enclosure
(4.25 x 2.5 x 1.2" / 108 x 64 x 30mm – external diemonsions)
4.1” / 104.1mm
Figure 2 - EP11 Populated Circuit Board (dimensions include heat spreader not shown)
2.25” / 57mm
Height=1.06” / 26.9 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com