Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. EP11 Datasheet HTML 20Page - Power Integrations, Inc. EP11 Datasheet HTML 21Page - Power Integrations, Inc. EP11 Datasheet HTML 22Page - Power Integrations, Inc. EP11 Datasheet HTML 23Page - Power Integrations, Inc. EP11 Datasheet HTML 24Page - Power Integrations, Inc. EP11 Datasheet HTML 25Page - Power Integrations, Inc. EP11 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 22 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
Figure 12 - Schematic cross-section of enclosure
Note: The diagram above shows an exploded view. In actual construction,
there are no air gaps between the board, copper heat spreader and case.
The main path for heat dissipation is via conduction therefore air gaps,
even small, greatly increase the thermal impedance from the heatsinks to
ambient.
Air gaps will reduce power capability and increase the
temperature of components.
Thermal Results in Enclosure
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
Elapsed Time (Hours)
Top249 tab
Bridge
CM Choke
Bulk/Xcap
Opto
Enc. Top
Enc. Side
Snubber
T-former
D5 tab
D1 tab
Ambient 1
Ambient 2
Figure 13 - Thermal results in enclosure at elevated ambient with 60, 65,70, and 72.5 Watt loads – 90 VAC
72.5 W
70 W
65 W
60 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com