Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 3Page - Power Integrations, Inc. EP11 Datasheet HTML 4Page - Power Integrations, Inc. EP11 Datasheet HTML 5Page - Power Integrations, Inc. EP11 Datasheet HTML 6Page - Power Integrations, Inc. EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. EP11 Datasheet HTML 10Page - Power Integrations, Inc. EP11 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 7 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
3
Schematic
Figure 3 - 70W TOP249Y Power Supply Schematic
3.1
Description
The EP11 is a low-cost flyback switching power supply using the TOP249Y integrated
circuit from the TOPSwitch-GX family.
The circuit shown in Figure 3 details a 19 V,
70 W supply that operates from an input range of 85 to 265 VAC, suitable for applications
requiring either an open frame supply or an enclosed adapter.
AC power is rectified and filtered by BR1 and C7 to create the high voltage DC bus
applied to the primary winding of transformer (T1). Only a 150
µF capacitor is required
(2.1
µF/W) due to the wider DC
MAX of TOPSwitch-GX and the line feed forward function
provided by the LINE SENSE Pin.
The other side of the primary is driven by the
integrated high-voltage MOSFET within the TOP249Y. Diodes, D4 and D2 clamp the
DRAIN voltage spike caused by transformer leakage inductance to a safe value below
the 700 V maximum. Capacitor C6 is added in parallel with D2 to reduce zener clamp
dissipation.
The TOPSwitch-GX family provides new operating features and extended specifications.
The EP11 power supply is designed using several of these features. Resistors R14 and
R15 connected to the LINE SENSE pin (L) of TOPSwitch-GX (U1) are used to implement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com