Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 2Page - Power Integrations, Inc. EP11 Datasheet HTML 3Page - Power Integrations, Inc. EP11 Datasheet HTML 4Page - Power Integrations, Inc. EP11 Datasheet HTML 5Page - Power Integrations, Inc. EP11 Datasheet HTML 6Page - Power Integrations, Inc. EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. EP11 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 6 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Input Voltage
VIN
85
115/230
265
VAC
Input Frequency
f
47
50/60
64
Hz
No-load Input Power (115 VAC)
370
mW
See fig 7
No-load Input Power (230 VAC)
520
mW
See fig 7
Output
Output Voltage
VOUT
18.7
19.2
19.7
VDC
†
At output terminals
Output Ripple Voltage
VRIPPLE
120
mVp-p
20 MHz BW
Output Current
IOUT
03.66
ADC
Continuous Output Power
POUT
070
W
Total Regulation
‡
-2
+2
%
0 – 100% load,
85 – 265 VAC
Efficiency (85 VAC)
Efficiency (230 VAC)
ηηηη
84
89
%
At full load
Environmental
Conducted EMI
Meets CISPR22 B
Safety
Designed to meet IEC950
External Ambient Temperature
TAMB
025
40
oC
In enclosure with natural
convection (see section 9)
†
Output voltage tolerance may be improved through choice of feedback components.
‡
Nominal output voltage for purposes of determining regulation limits is measured at 115 VAC input and 3.66 A output current.
Table 1 - Power supply specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com