Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 35 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 35 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 31Page - Power Integrations, Inc. EP11 Datasheet HTML 32Page - Power Integrations, Inc. EP11 Datasheet HTML 33Page - Power Integrations, Inc. EP11 Datasheet HTML 34Page - Power Integrations, Inc. EP11 Datasheet HTML 35Page - Power Integrations, Inc. EP11 Datasheet HTML 36Page - Power Integrations, Inc. EP11 Datasheet HTML 37Page - Power Integrations, Inc. EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
22-Jan-01
EPR-00011 - 70 W Adapter
Page 35 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
Figure 36 - Gain Phase Plot 9: VIN: 265 VAC, IOUT: 0 A, Crossover=530 Hz, Phase Margin=95
°
Figure 37 -Gain Phase Plot 10/11: VIN: 115 VAC, IOUT: 1A & 0 A, Crossover=380 & 500 Hz,
Phase Margin=45
° & 120°
Gain (dB)
Phase (deg.)
Phase Margin
Gain (dB) 1 A load
Phase (deg.)
1 A load
Gain (dB) 0 A load
Phase (deg.)
0 A load
Phase Margin 1 A load
Phase Margin 0 A load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com