Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 44 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 44 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. EP11 Datasheet HTML 41Page - Power Integrations, Inc. EP11 Datasheet HTML 42Page - Power Integrations, Inc. EP11 Datasheet HTML 43Page - Power Integrations, Inc. EP11 Datasheet HTML 44Page - Power Integrations, Inc. EP11 Datasheet HTML 45Page - Power Integrations, Inc. EP11 Datasheet HTML 46Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 44 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
15 Revision History
Date
Author
Revision
Description & changes
10/16/00
DJK
0.1
Original draft
11/15/00
PV
1.0
First Release
11/17/00
PV
1.1
Update – added photo of thermocouple
location plus removed typographical
errors
12/06/00
PV
1.2
Added power levels to temp chart, low
load efficiency, bode plots at zero load,
0 to 50% load transient, power density,
enclosure internal dimensions.
12/08/00
PV
1.3
Thermal image added
01/22/01
PV
1.4
Appendix B, Materials, Item [1]
changed from T50-26C to T50-26 to
reflect correct part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com