Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 11Page - Power Integrations, Inc. EP11 Datasheet HTML 12Page - Power Integrations, Inc. EP11 Datasheet HTML 13Page - Power Integrations, Inc. EP11 Datasheet HTML 14Page - Power Integrations, Inc. EP11 Datasheet HTML 15Page - Power Integrations, Inc. EP11 Datasheet HTML 16Page - Power Integrations, Inc. EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
EPR-00011 - 70 W adapter
22-Jan-01
Page 15 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
7
Transformer Spreadsheet
ACDC_TOPGX_Rev0.2_090100
 Power Integrations Inc. 2000
INPUT
INFO
OUTPUT UNIT
TOP_GX_090100.xls: TOPSwitch-GX
Continuous/Discontinuous, Flyback Transformer
Design Spreadsheet
ENTER APPLICATION
VARIABLES
Customer
VACMIN
85
Volts
Minimum AC Input Voltage
VACMAX
265
Volts
Maximum AC Input Voltage
fL
50
Hertz
AC Mains Frequency
VO
19.2
Volts
Output Voltage
PO
70
Watts
Output Power
n
0.85
Efficiency Estimate
Z0.5
Loss Allocation Factor
VB
12
Volts
Bias Voltage
tC
3
mSeconds
Bridge Rectifier Conduction Time Estimate
CIN
150
uFarads
Input Filter Capacitor
ENTER TOPSWITCH-FX
VARIABLES
TOP-FX
top249
Universal
115 Doubled/230V
Chosen Device
TOP249 Pout
135W
300W
KI
0.55
External Ilimit reduction factor (KI=1.0 for default ILIMIT,
KI <1.0 for
lower ILIMIT)
ILIMITMIN
2.67 Amps
Use 1% resistor in setting external ILIMIT
ILIMITMAX
3.18 Amps
Use 1% resistor in setting external ILIMIT
Frequency - (F)=130kHz,
(H)=65kHz
f
Full (F) frequency option - 130kHz
fS
132000
132000 Hertz
TOPSwitch-FX Switching Frequency: Choose between
132 kHz and 66 kHz
fSmin
124000 Hertz
TOPSwitch-FX Minimum Switching Frequency
fSmax
140000 Hertz
TOPSwitch-FX Maximum Switching Frequency
VOR
120
Volts
Reflected Output Voltage
VDS
8
Volts
TOPSwitch on-state Drain to Source Voltage
VD
0.7
Volts
Output Winding Diode Forward Voltage Drop
VDB
0.7
Volts
Bias Winding Diode Forward Voltage Drop
KP
0.60
Ripple to Peak Current Ratio (0.4 < KRP < 1.0 : 1.0<
KDP<6.0)
ENTER TRANSFORMER
CORE/CONSTRUCTION VARIABLES
Core Type
PQ26/2
0
Core
#N/A
P/N:
#N/A
Bobbin
#N/A
P/N:
#N/A
AE
1.19
1.19 cm^2
Core Effective Cross Sectional Area
LE
0.463
0.463 cm
Core Effective Path Length
AL
6170
6170 nH/T^2
Ungapped Core Effective Inductance
BW
9.2
9.2 mm
Bobbin Physical Winding Width
M0
mm
Safety Margin Width (Half the Primary to Secondary
Creepage
Distance)
L1.4
Number of Primary Layers
NS
3
Number of Secondary Turns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com