Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 14Page - Power Integrations, Inc. EP11 Datasheet HTML 15Page - Power Integrations, Inc. EP11 Datasheet HTML 16Page - Power Integrations, Inc. EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. EP11 Datasheet HTML 20Page - Power Integrations, Inc. EP11 Datasheet HTML 21Page - Power Integrations, Inc. EP11 Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 18 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
8.2
No-load input power
No-load Input Power vs. Line Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
50
100
150
200
250
300
Input Line Voltage (VAC 60Hz)
Unit 1
Unit 2
TAMB=25 C
Figure 7 - No-load Input Power vs. Line Voltage
8.3
Regulation / Power Limiting
Line Regulation (70 Watts)
18
18.2
18.4
18.6
18.8
19
19.2
19.4
19.6
19.8
20
50
100
150
200
250
300
Input Line Voltage (VAC 60Hz)
Io=3.66A
Figure 8 - Regulation vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com