Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. EP11 Datasheet HTML 10Page - Power Integrations, Inc. EP11 Datasheet HTML 11Page - Power Integrations, Inc. EP11 Datasheet HTML 12Page - Power Integrations, Inc. EP11 Datasheet HTML 13Page - Power Integrations, Inc. EP11 Datasheet HTML 14Page - Power Integrations, Inc. EP11 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
EPR-00011 - 70 W adapter
22-Jan-01
Page 11 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
5
Bill of Materials
EP11 - 19.2V, 3.66A Universal Input Flyback
Item
Qty.
Reference
Part
Comment
1
1
BR1
RS805
23C1, C2, C4
820uF 25V
31C5
0.1uF
X2 Safety 250VAC
4
1
C6
0.01uF 400V
5
1
C7
150uF 400V
61C8
1.0uF 50V
7
1
C9
0.0047uF 50V
83C10, C14, C17 0.1uF 50V
9
1
C11
47uF 16V
10
1
C12
.0022uF
Y1 Safety 250VAC
11
1
C15
0.33uF 400V
12
1
C16
0.02uF 500V
13
2
D5, D1
MBR20100
14
1
D2
P6KE200A
15
1
D3
1N4148
16
1
D4
UF4006
17
1
F1
3.15A, 250V
18
1
J1
Molex Header
19
1
J2
Molex Header
20
1
L1
200uH
(custom –see appendix)
21
1
L2
75uH
(custom –see appendix)
22
1
L3
CM Choke
820uH 2.0A
23
1
RT1
10 Ohm 1.7A
In-rush limiter (Keystone CL 120)
24
1
R2
270 1/8W
25
1
R3
4.7 1/8W
26
1
R4
31.6K 1/8W 1%
27
1
R5
7.5M 1/4W
28
1
R6
5.6M 1/4W
29
1
R7
1.0K 1/8W
30
1
R8
56K 1/8W
31
1
R10
4.75K 1/8W 1%
32
1
R11
6.8 1/8W
33
1
R12
20.5K 1/8W
34
1
R13
562 1/8W 1%
35
2
R14, R15
1M 1/4W
36
1
T1
PQ26/20 Core Transformer - revision F (custom – see appendix)
37
1
U1
TOP249Y
38
1
U2
PC817A
39
1
U3
TL431CLP
40
1
HS1
Copper Heat Sink EP11-HS1D
41
1
HS2
Copper Heat Sink EP11-HS2D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com