Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 36 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 36 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 32Page - Power Integrations, Inc. EP11 Datasheet HTML 33Page - Power Integrations, Inc. EP11 Datasheet HTML 34Page - Power Integrations, Inc. EP11 Datasheet HTML 35Page - Power Integrations, Inc. EP11 Datasheet HTML 36Page - Power Integrations, Inc. EP11 Datasheet HTML 37Page - Power Integrations, Inc. EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 36 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
12 Conducted EMI Scans
The attached plots show EMI performance for the EP11 as compared to the CISPR22B
conducted emissions limits. Both input AC lines were essentially identical. This worst
case scan was taken with an input of 230VAC and a 70W resistive load. The output
return was connected to the LISN’s artificial hand connection to simulate a worst case
condition.
Figure 38 – Highest Measured Conducted Emissions Scan (230 VAC, 70 W, with artificial hand)
Note: EMI measurements without artificial hand grounding will be significantly lower than
shown above.
QP Limit
EN55022B
CISPR22B
AV Limit
QP
AV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com