Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 13Page - Power Integrations, Inc. EP11 Datasheet HTML 14Page - Power Integrations, Inc. EP11 Datasheet HTML 15Page - Power Integrations, Inc. EP11 Datasheet HTML 16Page - Power Integrations, Inc. EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. EP11 Datasheet HTML 20Page - Power Integrations, Inc. EP11 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
EPR-00011 - 70 W adapter
22-Jan-01
Page 17 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
8
Performance Data
8.1
Efficiency
Efficiency vs Input Line Voltage
50
55
60
65
70
75
80
85
90
95
100
50
100
150
200
250
300
Input Voltage (VAC 60Hz)
60 W Output
70 W Output
TAMB=25 C
Figure 5 - Efficiency vs. Line Voltage
Efficiency vs Output Power
0
10
20
30
40
50
60
70
80
90
100
0
102030
40
506070
80
Output Power (W)
Vin = 265 VAC
Vin = 85 VAC
TAMB=25 C
Figure 6 - Efficiency vs. Output Power (Min. and Max. Line Voltages 60 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com