Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 42 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 42 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. EP11 Datasheet HTML 41Page - Power Integrations, Inc. EP11 Datasheet HTML 42Page - Power Integrations, Inc. EP11 Datasheet HTML 43Page - Power Integrations, Inc. EP11 Datasheet HTML 44Page - Power Integrations, Inc. EP11 Datasheet HTML 45Page - Power Integrations, Inc. EP11 Datasheet HTML 46Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 42 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
14.2 Output Inductor (L1)
ELECTRICAL SPECIFICATIONS:
Inductance(LCM)
Pin1-3 or 2-4 Measure at 100KHz
200 uH min
.
Inductance (LL)
1-2 with pin 3-4 shorted Measure at
100KHz
1.6 uH (ref.)
MATERIALS:
Item
Description
[1]
Core: Ferrite Torrid TDK T10 x2.5 x5 Material H5B2 Epoxy
coated
[2]
Magnet Wire: # 23 AWG Solderable Double coated (RED)
[3]
Magnet Wire: # 23 AWG Solderable Double coated (GREEN)
COIL WINDING INSTRUCTION:
Start at pin FL1 wind 10 turns (Item #2) on one half of Toroid. End at pin FL3 ,
Start at pin FL2 wind 10 turns (Item #3) in the same direction on other half of
Toroid. End at pin FL4.
Spread the wire evenly around each half of the core circumference,
as illustrated below.
ILLUSTRATION:
10T # 23AWG (RED)
FL4
FL3
10T # 23AWG (GREEN)
FL2
FL1
Core
0.05" Not Tinned
FL1
FL3
FL2
FL4
Green wire Item # 3
Red wire Item # 2
0.40" Tinned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com