Electronic Components Datasheet Search
  English  ▼

X  

EP11 Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 28Page - Power Integrations, Inc. EP11 Datasheet HTML 29Page - Power Integrations, Inc. EP11 Datasheet HTML 30Page - Power Integrations, Inc. EP11 Datasheet HTML 31Page - Power Integrations, Inc. EP11 Datasheet HTML 32Page - Power Integrations, Inc. EP11 Datasheet HTML 33Page - Power Integrations, Inc. EP11 Datasheet HTML 34Page - Power Integrations, Inc. EP11 Datasheet HTML 35Page - Power Integrations, Inc. EP11 Datasheet HTML 36Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 32 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
11 Control Loop Characteristics
The control loop characteristics were measured with a Venable measurement system,
which breaks the control loop between the emitter of the opto-isolator (U2) and the
control pin of the TOP249Y (U1) and its associated components; C11, R11, and C17.
The results are tabulated below, followed by graphs of the last five table entries:
Result #
VIN
(VAC)
IOUT
(ADC)
Crossover
Freq.
Phase
Margin
1
130
3.16
1000 Hz
53 deg.
2
85
3.16
1220 Hz
55 deg.
3
85
0.71
435 Hz
45 deg.
4
265
0.70
556 Hz
50 deg.
5
265
3.16
1000 Hz
50 deg.
6
85
1.0
800 Hz
52 deg.
7
85
3.66
1600 Hz
62 deg.
8
265
3.66
1000 Hz
56 deg.
9
265
0
530 Hz
95 deg.
10
115
1.0
380 Hz
45 deg.
11
115
0
500 Hz
120 deg
Note results for 9, 10 and 11 are shown without adding a 180 deg offset for the
secondary error amplifier. Therefore phase margin is referenced to –180 deg.
Measurements were made at zero load to confirm stability during the lower switching
frequency operation at no-load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com