Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 107Page - Texas Instruments TMS320DM355 Datasheet HTML 108Page - Texas Instruments TMS320DM355 Datasheet HTML 109Page - Texas Instruments TMS320DM355 Datasheet HTML 110Page - Texas Instruments TMS320DM355 Datasheet HTML 111Page - Texas Instruments TMS320DM355 Datasheet HTML 112Page - Texas Instruments TMS320DM355 Datasheet HTML 113Page - Texas Instruments TMS320DM355 Datasheet HTML 114Page - Texas Instruments TMS320DM355 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 153 page
background image
www.ti.com
5.7.2
DDR2 Memory Controller
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
The DDR2 / mDDR Memory Controller is a dedicated interface to DDR2 / mDDR SDRAM. It supports
JESD79D-2A standard compliant DDR2 SDRAM devices and compliant Mobile DDR SDRAM devices.
DDR2 / mDDR SDRAM plays a key role in a DM355-based system. Such a system is expected to require
a significant amount of high-speed external memory for all of the following functions:
• Buffering of input image data from sensors or video sources
• Intermediate buffering for processing/resizing of image data in the VPFE
• Numerous OSD display buffers
• Intermediate buffering for large raw Bayer data image files while performing image processing
functions
• Buffering for intermediate data while performing video encode and decode functions
• Storage of executable code for the ARM
The DDR2 / mDDR Memory Controller supports the following features:
• JESD79D-2A standard compliant DDR2 SDRAM
• Mobile DDR SDRAM
• 256 MByte memory space
• Data bus width 16 bits
• CAS latencies:
–
DDR2: 2, 3, 4, and 5
–
mDDR: 2 and 3
• Internal banks:
–
DDR2: 1, 2, 4, and 8
–
mDDR: 1, 2, and 4
• Burst length: 8
• Burst type: sequential
• 1 CS signal
• Page sizes: 256, 512, 1024, and 2048
• SDRAM autoinitialization
• Self-refresh mode
• Partial array self-refresh (for mDDR)
• Power down mode
• Prioritized refresh
• Programmable refresh rate and backlog counter
• Programmable timing parameters
• Little endian
For details on the DDR2 Memory Controller, refer to the DDR/mDDR Peripheral Reference Guide.
5.7.2.1 DDR2/mDDR Memory Controller Electrical Data/Timing
TI only supports DDR2/mDDR board designs that follow the guidelines described in the application note
titled TMS320DM355 DDR2 / mDDR Board Design Application Note. Refer to this application note for
information on board design recommendations and guidelines for DDR2 and mDDR.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com