Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 125Page - Texas Instruments TMS320DM355 Datasheet HTML 126Page - Texas Instruments TMS320DM355 Datasheet HTML 127Page - Texas Instruments TMS320DM355 Datasheet HTML 128Page - Texas Instruments TMS320DM355 Datasheet HTML 129Page - Texas Instruments TMS320DM355 Datasheet HTML 130Page - Texas Instruments TMS320DM355 Datasheet HTML 131Page - Texas Instruments TMS320DM355 Datasheet HTML 132Page - Texas Instruments TMS320DM355 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 153 page
background image
www.ti.com
5.11
Universal Asynchronous Receiver/Transmitter (UART)
5.11.1 UART Electrical Data/Timing
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
The contains 3 separate UART modules (1 with hardware flow control). These modules performs
serial-to-parallel conversion on data received from a peripheral device or modem, and parallel-to-serial
conversion on data received from the CPU. Each UART also includes a programmable baud rate
generator capable of dividing the 24MHz reference clock by divisors from 1 to 65,535 to produce a 16 x
clock driving the internal logic. The UART modules support the following features:
• Frequency pre-scale values from 1 to 65,535 to generate appropriate baud rates
• 16-byte storage space for both the transmitter and receiver FIFOs
• Unique interrupts, one for each UART
• Unique EDMA events, both received and transmitted data for each UART
• 1, 4, 8, or 14 byte selectable receiver FIFO trigger level for autoflow control and DMA
• Programmable auto-rts and auto-cts for autoflow control (supported on UART2)
• Programmable serial data formats
–
5, 6, 7, or 8-bit characters
–
Even, odd, or no parity bit generation and detection
–
1, 1.5, or 2 stop bit generation
• False start bit detection
• Line break generation and detection
• Internal diagnostic capabilities
–
Loopback controls for communications link fault isolation
–
Break, parity, overrun, and framing error simulation
• Modem control functions: CTS, RTS (supported on UART2)
Table 5-26. Timing Requirements for UARTx Receive (see Figure 5-35)
DM355
NO.
UNIT
MIN
MAX
4
tw(URXDB)
Pulse duration, receive data bit (RXDn)
0.99U(1)
1.05U(1)
ns
5
tw(URXSB)
Pulse duration, receive start bit
0.99U(1)
1.05U(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
Table 5-27. Switching Characteristics Over Recommended Operating Conditions for UARTx Transmit
(see Figure 5-35)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
UART0/1 Maximum programmable baud rate
1.5
1
f(baud)
MHz
UART2 Maximum programmable baud rate
5
2
tw(UTXDB)
Pulse duration, transmit data bit (TXDn)
U - 2(1)
U + 2(1)
ns
3
tw(UTXSB)
Pulse duration, transmit start bit
U - 2(1)
U + 2(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com