Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 127Page - Texas Instruments TMS320DM355 Datasheet HTML 128Page - Texas Instruments TMS320DM355 Datasheet HTML 129Page - Texas Instruments TMS320DM355 Datasheet HTML 130Page - Texas Instruments TMS320DM355 Datasheet HTML 131Page - Texas Instruments TMS320DM355 Datasheet HTML 132Page - Texas Instruments TMS320DM355 Datasheet HTML 133Page - Texas Instruments TMS320DM355 Datasheet HTML 134Page - Texas Instruments TMS320DM355 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 153 page
background image
www.ti.com
5.12
Serial Port Interface (SPI)
5.12.1 SPI Electrical Data/Timing
SPIx_CLK
(ClockPolarity=0)
1
2
3
SPIx_CLK
(ClockPolarity=1)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
The contains 3 separate SPI modules. These modules provide a programmable length shift register which
allows serial communication with other SPI devices through a 3 or 4 wire interface (Clock, Data In, Data
Out, and Enable). The SPI supports the following features:
• Master mode operation
• 2 chip selects for interfacing to multiple slave SPI devices.
• 3 or 4 wire interface (Clock, Data In, Data Out, and Enable)
• Unique interrupt for each SPI port
• Separate DMA events for SPI Receive and Transmit
• 16-bit shift register
• Receive buffer register
• Programmable character length (2 to 16 bits)
• Programmable SPI clock frequency range
• 8-bit clock prescaler
• Programmable clock phase (delay or no delay)
• Programmable clock polarity
The SPI modules do not support the following features:
• Slave mode. Only Master mode is supported in DM355 (Master mode means that DM355 provides the
serial clock).
• GPIO mode. GPIO functionality is supported by the GIO modules for those SPI pins that are
multiplexed with GPIO signals.
Table 5-28. Timing Requirements for SPI (All Modes)(1) (see Figure 5-36)
DM355
NO.
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, SPI_CLK
37.037 ns
ns
2
tw(CLKH)
Pulse duration, SPI_CLK high (All Master Modes)
0.45*T
0.55*T
ns
3
tw(CLKL)
Pulse duration, SPI_CLK low (All Master Modes
0.45*T
0.55*T
ns
(1)
T = tc(CLK) = SPI_CLK period is equal to the SPI module clock divided by a configurable divider.
Figure 5-36. SPI_CLK Timing
SPI Master Mode Timings (Clock Phase = 0)
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com