Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors IMX93CEC Datasheet HTML 15Page - NXP Semiconductors IMX93CEC Datasheet HTML 16Page - NXP Semiconductors IMX93CEC Datasheet HTML 17Page - NXP Semiconductors IMX93CEC Datasheet HTML 18Page - NXP Semiconductors IMX93CEC Datasheet HTML 19Page - NXP Semiconductors IMX93CEC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
16
NXP Semiconductors
Electrical characteristics
4.1.2
Thermal resistance
4.1.2.1
11 x 11 mm FCBGA package thermal characteristics
Table 11 displays the 11 x 11 mm FCBGA package thermal resistance data.
USB VBUS input detected
USB1_VBUS,
USB2_VBUS
-0.3
3.95
V
—
Power for USB OTG PHY
VDD_USB_0P8
-0.3
1.15
V
—
VDD_USB_1P8
-0.3
2.15
V
—
VDD_USB_3P3
-0.3
3.95
V
—
MIPI PHY supply voltage
VDD_MIPI_0P8
-0.3
1.15
V
—
VDD_MIPI_1P8
-0.3
2.15
V
—
LVDS PHY supply voltage
VDD_LVDS_1P8
-0.3
2.15
V
—
Analog core supply voltage
VDD_ANA_0P8
-0.3
1.15
V
—
VDD_ANAx_1P8
-0.3
2.15
V
1
Input/output voltage range
Vin/Vout
-0.3
OVDD2 + 0.3
V
—
Storage temperature range
TSTORAGE
-40
150
oC—
1 VDD_ANAx_1P8 refers to VDD_ANA0_1P8, VDD_ANA1_1P8, and VDD_ANAVDET_1P8.
2 OVDD is the I/O supply voltage.
Table 10. Electrostatic discharge and latch up ratings
Parameter description
Rating
Reference
Comment
Electrostatic Discharge
(ESD)
Human Body Model (HBM)
±1000 V
JS-001
—
Charged Device Model (CDM)
±250 V
JS-002
—
Latch UP (LU)
Immunity level:
• Class I @ 25 oC ambient
temperature
• Class II @ 95 oC ambient
temperature
A
A
JESD78
—
Table 11. 11 x 11 mm FCPBGA thermal resistance data
Rating
Board Type1
Symbol
Values
Unit
Junction to Ambient Thermal Resistance2
JESD51-9, 2s2p
RJA
22.5
oC/W
Junction-to-Top of Package
Thermal Characterization parameter3
JESD51-9, 2s2p
JT
0.1
oC/W
Junction to Case Thermal Resistance3
JESD51-9, 1s
RJC
6.4
oC/W
Table 9. Absolute maximum ratings (continued)
Parameter description
Symbol
Min
Max
Unit
Notes
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com