Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 62Page - NXP Semiconductors IMX93CEC Datasheet HTML 63Page - NXP Semiconductors IMX93CEC Datasheet HTML 64Page - NXP Semiconductors IMX93CEC Datasheet HTML 65Page - NXP Semiconductors IMX93CEC Datasheet HTML 66Page - NXP Semiconductors IMX93CEC Datasheet HTML 67Page - NXP Semiconductors IMX93CEC Datasheet HTML 68Page - NXP Semiconductors IMX93CEC Datasheet HTML 69Page - NXP Semiconductors IMX93CEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
66
NXP Semiconductors
Electrical characteristics
4.12.3.4 RGMII signal switching specifications
The following timing specifications meet the requirements for RGMII interfaces for a range of transceiver
devices.
Table 68. MII serial management channel timing1,2,3
1 The timings assume the following configuration: CTL[5:0] = 001111 and SL[1:0] = 11.
2 Input timing assumes an input signal slew rate of 3 ns (20%/80%).
3 Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 ohm.
Unterminated, 5-inch microstrip trace on standard FR4 (1.5 pF/inch), (25 pF total with margin). For best signal integrity, the
series resistance in the transmission line should be equal to the selected RDSON of the I/O pad output driver.
ID
Characteristic
Min.
Max.
Unit
M10
ENET_MDC falling edge to ENET_MDIO output invalid (min.
propagation delay)
-1.5
—
ns
M11
ENET_MDC falling edge to ENET_MDIO output valid (max.
propagation delay)
—13
ns
M12
ENET_MDIO (input) to ENET_MDC rising edge setup
13
—
ns
M13
ENET_MDIO (input) to ENET_MDC rising edge hold
0
—
ns
M14
ENET_MDC pulse width high
40%
60%
ENET_MDC period
M15
ENET_MDC pulse width low
40%
60%
ENET_MDC period
Table 69. RGMII signal switching specifications1,2,3,4
1 The timings assume the following configuration: CTL[5:0] = 001111 and SL[1:0] = 11.
2 Measured as defined in EIA/JESD 8-6 1995 with a timing threshold voltage of VDDQ/2.
3 Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 8 pF load at the end of a 50 ohm,
unterminated, 2-inch microstrip trace on standard FR4 (1.5 pF/inch). For best signal integrity, the series resistance in the
transmission line should be matched closely to the selected RDSON of the I/O pad output driver.
4 RGMII timing specifications are only valid for 1.8 V nominal I/O pad supply voltage.
Symbol
Description
Min.
Max.
Unit
Tcyc
Clock cycle duration
7.2
8.8
ns
TskewT
Data to clock output skew at transmitter
-500
500
ps
TskewR
Data to clock input skew at receiver
1
2.6
ns
Duty_G
Duty cycle for Gigabit
45
55
%
Duty_T
Duty cycle for 10/100T
40
60
%
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com