Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 35Page - NXP Semiconductors IMX93CEC Datasheet HTML 36Page - NXP Semiconductors IMX93CEC Datasheet HTML 37Page - NXP Semiconductors IMX93CEC Datasheet HTML 38Page - NXP Semiconductors IMX93CEC Datasheet HTML 39Page - NXP Semiconductors IMX93CEC Datasheet HTML 40Page - NXP Semiconductors IMX93CEC Datasheet HTML 41Page - NXP Semiconductors IMX93CEC Datasheet HTML 42Page - NXP Semiconductors IMX93CEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
39
4.9.1
MIPI D-PHY electrical characteristics
4.9.1.1
MIPI HS-TX specifications
4.9.1.2
MIPI HS-RX specifications
Table 35. MIPI high-speed transmitter DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VCMTX1
1 Value when driving into load impedance anywhere in the ZID range.
High Speed Transmit Static Common Mode Voltage
150
200
250
mV
|
VCMTX|(1,0)
VCMTX mismatch when Output is Differential-1 or Differential-0
—
—
5
mV
|VOD|1
High Speed Transmit Differential Voltage
140
200
270
mV
|
VOD|VOD mismatch when Output is Differential-1 or Differential-0
—
—
14
mV
VOHHS1
High Speed Output High Voltage
—
—
360
mV
ZOS
Single Ended Output Impedance
40
50
62.5
ZOS
Single Ended Output Impedance Mismatch
—
—
10
%
Table 36. MIPI high-speed transmitter AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VCMTX(HF)
Common-level variations above 450 MHz
—
—
15
mVRMS
VCMTX(LF)
Common-level variation between 50-450 MHz
—
—
25
mVPEAK
tR and tF1
1 UI is the long-term average unit interval.
Rise Time and Fall Time (20% to 80%)
100
—
0.35 x UI
ps
Table 37. MIPI high-speed receiver DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIDTH
Differential input high voltage threshold
70
—
—
mV
VIDTL
Differential input low voltage threshold
—
—
-70
mV
VIHHS
Single ended input high voltage
460
—
—
mV
VILHS
Single ended input low voltage
—
—
-40
mV
VCMRXDC
Input common mode voltage
70
—
330
mV
ZID
Differential input impedance
80
100
125
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com