Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX93CEC Datasheet HTML 1Page - NXP Semiconductors IMX93CEC Datasheet HTML 2Page - NXP Semiconductors IMX93CEC Datasheet HTML 3Page - NXP Semiconductors IMX93CEC Datasheet HTML 4Page - NXP Semiconductors IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
4
NXP Semiconductors
i.MX 93 introduction
1.1
Ordering information
Table 2 provides examples of orderable part numbers covered by this Data Sheet.
Power management
Temperature sensor with programmable trip points
Flexible power domain partitioning with internal power switches to support efficient
power management
Connectivity
Two USB 2.0 controllers and PHYs interfaces
Two Controller Area Network (FlexCAN) modules, each optionally supporting flexible
data-rate (FD)
Two Improved Inter Integrated Circuit (I3C) modules
Two 32-pin FlexIO modules
Three Ultra Secure Digital Host Controller (uSDHC) interfaces
Two Ethernet controllers (capable of simultaneous operation)
• One Gigabit Ethernet controller with support for Energy Efficient Ethernet (EEE),
Ethernet AVB, and IEEE 1588
• One Gigabit Ethernet controller with support for TSN in addition to EEE, Ethernet
AVB, and IEEE 1588
Eight Low Power SPI (LPSPI) modules
Eight Low Power I2C modules
Eight Low Power Universal Asynchronous Receiver/Transmitter (LPUART) modules
Security
Trusted Resource Domain Controller (TRDC)
• Supports 16 domains
Arm® TrustZone® (TZ) architecture, including both Trustzone-A and Trustzone-M
On-chip RAM (OCRAM) secure region protection using OCRAM controller
EdgeLock® secure enclave
Battery Backed Security Module (BBSM)
• Secure real-time clock (RTC)
System debug
Arm® CoreSightTM debug and trace technology
Embedded Trace FIFO (ETF) with 4 KB internal storage to provide trace buffering
Unified trace capability for dual core Cortex®-A55 and Cortex®-M33 CPUs
Cross Triggering Interface (CTI)
Support for 4-pin (JTAG) debug interface and SWD
Table 1. Features (continued) (Sheet 3 of 3)
Subsystem
Features
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com