Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 97 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 93Page - NXP Semiconductors IMX93CEC Datasheet HTML 94Page - NXP Semiconductors IMX93CEC Datasheet HTML 95Page - NXP Semiconductors IMX93CEC Datasheet HTML 96Page - NXP Semiconductors IMX93CEC Datasheet HTML 97Page - NXP Semiconductors IMX93CEC Datasheet HTML 98Page - NXP Semiconductors IMX93CEC Datasheet HTML 99Page - NXP Semiconductors IMX93CEC Datasheet HTML 100Page - NXP Semiconductors IMX93CEC Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
Package information and contact assignments
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
97
ENET1_RD2
AA9
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[12]
Input with PD
ENET1_RD3
Y10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[13]
Input with PD
ENET1_RX_CTL
Y8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[8]
Input with PD
ENET1_RXC
AA7
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[9]
Input with PD
ENET1_TD0
W11
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[5]
Input with PD
ENET1_TD1
T12
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[4]
Input with PD
ENET1_TD2
U12
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[3]
Input with PD
ENET1_TD3
V12
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[2]
Input with PD
ENET1_TX_CTL
V10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[6]
Input with PD
ENET1_TXC
U10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[7]
Input with PD
ENET2_MDC
Y7
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[14]
Input with PD
ENET2_MDIO
AA6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[15]
Input with PD
ENET2_RD0
AA4
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[24]
Input with PD
ENET2_RD1
Y5
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[25]
Input with PD
ENET2_RD2
AA5
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[26]
Input with PD
ENET2_RD3
Y6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[27]
Input with PD
ENET2_RX_CTL
Y4
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[22]
Input with PD
ENET2_RXC
AA3
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[23]
Input with PD
ENET2_TD0
T8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[19]
Input with PD
ENET2_TD1
U8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[18]
Input with PD
ENET2_TD2
V8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[17]
Input with PD
ENET2_TD3
T10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[16]
Input with PD
ENET2_TX_CTL
V6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[20]
Input with PD
ENET2_TXC
U6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[21]
Input with PD
GPIO_IO00
J21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[0]
Input with PD
GPIO_IO01
J20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[1]
Input with PD
GPIO_IO02
K20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[2]
Input with PD
GPIO_IO03
K21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[3]
Input with PD
GPIO_IO04
L17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[4]
Input with PD
GPIO_IO05
L18
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[5]
Input with PD
Table 106. 11 x 11 mm functional contact assignment (continued)
Ball name
11 x 11
ball
Power group
Ball
Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com