Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors IMX93CEC Datasheet HTML 11Page - NXP Semiconductors IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
Modules list
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
9
eDMA
Enhanced Direct Memory
Access
EDMA3 (AHB) is integrated with AHB bus into AONMIX.
EDMA4 (AXI) is integrated with AXI bus into WAKEUPMIX, also
SoC-specific DMA requests from the SoC-specific audio peripherals
(2x SAI, Audio Transceiver and additional I2C, SPI, and LPUART
modules).
ENET
Ethernet Controller
The Ethernet Media Access Controller (MAC) is designed to support
10/100/1000 Mbps Ethernet/IEEE 802.3 networks. An external
transceiver (PHY) is required to complete the interface to the media.
The module has dedicated hardware to support the IEEE 1588
standard.
ENET_QOS
Ethernet QoS Controller
The ENET_QOS is compliant with the IEEE 802.3–2015
specification and can be used in applications, such as AV bridges,
AV nodes, switches, data center bridges and nodes, and network
interface cards. It enables a host to transmit and receive data over
Ethernet in compliance with the IEEE 802.3–2015.
The Ethernet QoS with TSN also supports following features:
• 802.1Qbv Enhancements to Scheduling Traffic
• 802.1Qbu Frame preemption
• Time Based Scheduling
FlexIO1
FlexIO2
Flexible Input/Output
FlexIO is capable of supporting a wide range of protocols, including
but not limited to UART, I2C, SPI, I2S, camera interface, display
interface, PWM waveform generation, etc. The module can remain
functional when the chip is in a low power mode provided the clock
it is using remain active.
FlexSPI1
Flexible Serial Peripheral
Interface
The FlexSPI module acts as an interface to one external Octal serial
flash devices, or up to two external Quad SPI serial flash devices by
two chip select signals, but sharing same CLK/DQS/DATA signals.
Both Serial NOR flash and Serial NAND flash are supported.
GIC
Generic Interrupt Controller
The GIC handles all interrupts from the various subsystems and is
ready for virtualization.
GPIO1
GPIO2
GPIO3
GPIO4
General Purpose I/O Modules Used for general purpose input/output to external ICs. Each GPIO
module supports up to 32 bits of I/O.
I3C1
I3C2
Improved Inter Integrated
Circuit
I3C is a serial interface for connecting peripherals to an application
processor.
IOMUXC
IOMUX Control
This module enables flexible I/O multiplexing. Each IO pad has a
default as well as several alternate functions. The alternate functions
are software configurable.
ISI
Image Sensor Interface
The ISI is a simple camera interface that supports image processing
and transfer via a bus master interface.
The one-camera input can be connected to either of:
• MIPI CSI-2 camera
• Parallel camera input
JTAG
Joint Test Action Group
The i.MX 93 processor supports a 4-pin (JTAG) debug interface.
Table 3. i.MX 93 modules list (continued)
Block mnemonic
Block name
Brief description
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com