Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX93CEC Datasheet HTML 1Page - NXP Semiconductors IMX93CEC Datasheet HTML 2Page - NXP Semiconductors IMX93CEC Datasheet HTML 3Page - NXP Semiconductors IMX93CEC Datasheet HTML 4Page - NXP Semiconductors IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
i.MX 93 introduction
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
3
External memory interface
16-bit DRAM interface:
• LPDDR4X/LPDDR4 with inline ECC
Three Ultra Secure Digital Host Controller (uSDHC) interfaces:
• One eMMC 5.1 (8-bit) compliance with HS400 DDR signaling to support up to 400
MB/sec
• One SDXC (4-bit, no eMMC5.1, with extended capacity)
• One SDIO (4-bit, SD/SDIO 3.01 compliance with 200 MHz SDR signaling and up
to 100 MB/sec)
FlexSPI Flash with support for XIP (for Cortex®-A55 in low-power mode) and support
for either one Octal SPI or Quad SPI FLASH device. It also supports both Serial NOR
and Serial NAND flash using the FlexSPI.
Pixel Pipeline (PXP)
• BitBlit
• Flexible image composition options—alpha, chroma key
• Porter-Duff operation
• Image rotation (90o, 180o, 270o)
• Image resize
• Color space conversion
• Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400)
• Standard 2D-DMA operation
LCDIF Display Controller
The LCDIF can drive any of three displays:
• MIPI DSI: up to 1920x1200p60
• LVDS Tx: up to 1366x768p60 or 1280x800p60
• Parallel display: up to 1366x768p60 or 1280x800p60
MIPI CSI-2 Interface
One 2-lane MIPI CSI-2 camera input:
• Complaint with MIPI CSI-2 specification v1.3 and MIPI D-PHY specification v1.2
• Support up to 2 Rx data lanes (plus 1 Rx clock lane)
• Support 80 Mbps – 1.5 Gbps per lane data rate in high speed operation
• Support 10 Mbps data rate in low power operation
MIPI DSI Interface
One 4-lane MIPI DSI display with data supplied by the LCDIF
• Compliant with MIPI DSI specification v1.2 and MIPI D-PHY specification v1.2
• Capable of resolutions achievable with a 200 MHz pixel clock and active pixel rate
of 140 Mpixel/s with 24-bit RGB.
• Support 80 Mbps—1.5 Gbps data rate per lane in high speed operation
• Support 10 Mbps data rate in low power operation
Audio
• Three SAI interfaces:
•SAI1 supports 2-lane and SAI3 supports 1 lane
•SAI2 support 4 lanes
•SAI2 and SAI3 support glue-less switching between PCM and stereo DSD
operation
• One SPDIF supports raw capture mode that can save all the incoming bits into
audio buffer
• 24-bit PDM supports up to 8-microphones (4 lanes)
GPIO and input/output multiplexing
General-purpose input/output (GPIO) modules with interrupt capability
Input/output multiplexing controller (IOMUXC) to provide centralized pad control
Table 1. Features (continued) (Sheet 2 of 3)
Subsystem
Features
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com