Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 52Page - NXP Semiconductors IMX93CEC Datasheet HTML 53Page - NXP Semiconductors IMX93CEC Datasheet HTML 54Page - NXP Semiconductors IMX93CEC Datasheet HTML 55Page - NXP Semiconductors IMX93CEC Datasheet HTML 56Page - NXP Semiconductors IMX93CEC Datasheet HTML 57Page - NXP Semiconductors IMX93CEC Datasheet HTML 58Page - NXP Semiconductors IMX93CEC Datasheet HTML 59Page - NXP Semiconductors IMX93CEC Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
56
NXP Semiconductors
Electrical characteristics
Table 58. HS200 interface timing specification (Nominal and Overdrive mode)1,2
1 Input timing assumes an input signal slew rate of 1 ns (20%/80%).
2 Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 8 pF load at the end of a 50 ohm,
unterminated, 2-inch microstrip trace on standard FR4 (1.5 pF/inch). For best signal integrity, the series resistance of the
transmission line should be matched closely to the RDSON of the I/O pad output driver.
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
5.0
—
ns
SD2
Clock Low Time
tCL
2.2
—
ns
SD3
Clock High Time
tCH
2.2
—
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
-1.6
1
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)3
3 HS200 is for 8 bits while SDR104 is for 4 bits.
SD8
uSDHC Input Data Window
tODW
0.475 x
tCLK
—ns
Table 59. HS200 interface timing specification (Low drive mode)1,2
1 Input timing assumes an input signal slew rate of 1 ns (20%/80%).
2 Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 8 pF load at the end of a 50 ohm,
unterminated, 2-inch microstrip trace on standard FR4 (1.5 pF/inch). For best signal integrity, the series resistance of the
transmission line should be matched closely to the RDSON of the I/O pad output driver.
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
7.5
—
ns
SD2
Clock Low Time
tCL
3.3
—
ns
SD3
Clock High Time
tCH
3.3
—
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
-1.6
1
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)3
3 HS200 is for 8 bits while SDR104 is for 4 bits.
SD8
uSDHC Input Data Window
tODW
0.475 x
tCLK
—ns
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com