Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 76 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 72Page - NXP Semiconductors IMX93CEC Datasheet HTML 73Page - NXP Semiconductors IMX93CEC Datasheet HTML 74Page - NXP Semiconductors IMX93CEC Datasheet HTML 75Page - NXP Semiconductors IMX93CEC Datasheet HTML 76Page - NXP Semiconductors IMX93CEC Datasheet HTML 77Page - NXP Semiconductors IMX93CEC Datasheet HTML 78Page - NXP Semiconductors IMX93CEC Datasheet HTML 79Page - NXP Semiconductors IMX93CEC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
76
NXP Semiconductors
Electrical characteristics
4.12.8 Timer/Pulse width modulator (TPM) timing parameters
This section describes the output timing parameters of the TPM.
The CTL[5:0] = 001111 and SL[1:0] = 11 are required drive settings to meet the timing.
Figure 43 depicts the timing of the PWM, and Table 77 lists the TPM timing parameters.
Figure 43. TPM timing
4.12.9 FlexSPI timing parameters
The FlexSPI interface can work in SDR or DDR modes. Only FlexSPIn_MCR0[RXCLKSRC] = 0 and
FlexSPIn_MCR0[RXCLKSRC] = 1 configurations are supported when I/O is supplied by 3.3 V.
Input timing assumes an input signal slew rate of 1 ns (20%/80%) and Output timing valid for maximum
external load CL = 15 pF, which is assumed to be a 8 pF load at the end of a 50 ohm, un-terminated, 2-inch
microstrip trace on standard FR4 (1.5 pF/inch). For best signal integrity, the series resistance of the
transmission line should be matched closely to the selected RDSON of the I/O pad output driver.
TX routing delay wcs
5/5
5/5
5/5
ns
RX routing delay wcs
5/5
5/5
5/5
ns
Transceiver loop delay wcs
250/250
250/250
190/190
ns
Total loop delay
395/345
395/345
285/247.5
ns
Table 77. TPM output timing parameters
ID
Parameter
Min
Max
Unit
PWM Module Clock Frequency
0
83.3
MHz
P1
PWM output pulse width high
12
—
ns
P2
PWM output pulse width low
12
—
ns
Table 76. CAN-FD electrical specifications (continued)
Parameters
BCAN (Classical and
FD)
FlexCAN (Classical
and FD)
BCANXL (Classical,
FD, and XL)
Unit
TPM_CHn
P1
P2
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com