Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 2Page - NXP Semiconductors IMX93CEC Datasheet HTML 3Page - NXP Semiconductors IMX93CEC Datasheet HTML 4Page - NXP Semiconductors IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
6
NXP Semiconductors
i.MX 93 introduction
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
•
The i.MX 93 Processors for Commercial Products Data Sheet (IMX93CEC) covers parts listed
with a “D (Commercial temp)”
•
The i.MX 93 Processors for Industrial Products Data Sheet (IMX93IEC) covers parts listed with a
“C (Industrial temp)”
•
The i.MX 93 Processors for Extended Industrial Products Data Sheet (IMX93XEC) covers parts
listed with a “X (Extended Industrial temp)”
•
The i.MX 93 Processors for Automotive Products Data Sheet (IMX93AEC) covers parts listed
with an “A (Automotive temp)”
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMX or
contact an NXP representative for details.
Figure 1. Part number nomenclature—i.MX 93
#Cortex-A cores
@
Dual-core
2
Single core
1
Temperature Tj support
+
Commercial: 0˚C to +95°C
D
Industrial: -40˚C to +105°C
C
Extended Industrial: -40˚C to +125°C
X
Automotive: -40˚C to +125 C
A
Cortex-A maximum CPU
frequency
#
1.7 GHz
M
900 MHz
D
Package type
VV
14 x 14 mm, 0.65 mm pitch, FCBGA,
306 I/O pins
VT
11 x 11 mm, 0.5 mm pitch, FCBGA,
306 I/O pins
VV
9 x 9 mm, 0.5 mm pitch, FCBGA, 208
I/O pins
VX
Qualification
level
Q
Samples
P
Mass Production
M
Special
S
Family
93
i.MX9300
93
Silicon Rev
&
Rev 1.0
A
Rev. 2.0
B
Special Fuse
%
No special fuse
A
QIMX93 - @+VV$#%&
Temperature Tj support
Cortex-A maximum CPU frequency
/ Reserved
#Cortex-A cores
Silicon Revision
Special Fuse
Qualification Level
Family
Package type
Sub-family
93
11 x 11
mm
93
14 x 14
mm
93
9 x 9
mm
With NPU (Full-
featured)
55
2
Without NPU
3
3
1
Reduced
feature/performance
0
Reserved
$
Can be used to designate special
versions, e.g., reduced GPU
performance
No additional information required
X
Reserved
Z
Sub-family
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com