Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX93CEC Datasheet HTML 1Page - NXP Semiconductors IMX93CEC Datasheet HTML 2Page - NXP Semiconductors IMX93CEC Datasheet HTML 3Page - NXP Semiconductors IMX93CEC Datasheet HTML 4Page - NXP Semiconductors IMX93CEC Datasheet HTML 5Page - NXP Semiconductors IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX93CEC
Rev. 3, 12/2023
MIMX9352DVVXMAB
MIMX9351DVVXMAB
MIMX9332DVVXMAB
MIMX9331DVVXMAB
MIMX9302DVVXDAB
MIMX9301DVVXDAB
MIMX9322DVXXMAB
MIMX9321DVXXMAB
MIMX9312DVXXMAB
MIMX9311DVXXMAB
Package Information
Plastic Package
FCBGA 11 x 11 mm, 0.5 mm pitch
FCBGA 9 x 9 mm, 0.5 mm pitch
Ordering Information
See Table 2 on page 5
NXP reserves the right to change the production detail specifications as may be required to permit
improvements in the design of its products.
© 2023 NXP Semiconductors. All rights reserved.
1
i.MX 93 introduction
The i.MX 93 family represents NXP’s latest
power-optimized processors for smart home, building
control, contactless HMI, IoT edge, Automotive, and
Industrial applications.
The i.MX 93 includes powerful dual Arm® Cor-
tex®-A55 processors with speeds up to 1.7 GHz inte-
grated with a NPU that accelerates machine learning
inference. A general-purpose Arm® Cortex®-M33 run-
ning up to 250 MHz is for real-time and low-power pro-
cessing. Robust control networks are possible via
CAN-FD interface. Also, dual 1 Gbps Ethernet control-
lers, one supporting Time Sensitive Networking (TSN),
drive gateway applications with low latency.
The i.MX 93 Commercial qualified part is particularly
useful for applications such as:
•
Home automation
•
Smart home hub/hue bridge
•
Audio sounder-bar
•
Smart doorbell
i.MX 93 Application
Processors Data Sheet
for Commercial Products
1. i.MX 93 introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 4
2. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.1. Special signal considerations . . . . . . . . . . . . . . . 13
3.2. Unused input and output guidance . . . . . . . . . . . 13
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 15
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 15
4.2. Power modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
4.3. Power supplies requirements and restrictions . . . 27
4.4. PLL electrical characteristics . . . . . . . . . . . . . . . . 28
4.5. I/O DC parameters . . . . . . . . . . . . . . . . . . . . . . . 29
4.6. I/O AC parameters . . . . . . . . . . . . . . . . . . . . . . . . 31
4.7. Differential I/O output buffer impedance . . . . . . . 33
4.8. System modules timing . . . . . . . . . . . . . . . . . . . . 33
4.9. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 38
4.10. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
4.11. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
4.12. External peripheral interface parameters . . . . . . . 51
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 87
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 87
5.2. Boot device interface allocation . . . . . . . . . . . . . . 88
6. Package information and contact assignments . . . . . . . 92
6.1. 11 x 11 mm package information . . . . . . . . . . . . . 92
6.2. 9 x 9 mm package information . . . . . . . . . . . . . . 108
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
General Business Information


Similar Part No. - IMX93CEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX93CEC NXP-IMX93CEC Datasheet
2Mb / 123P
i.MX 93 Applications Processors Data Sheet for Commercial Products
Rev. 7 - 12 February 2026
IMX93CEC NXP-IMX93CEC_V01 Datasheet
2Mb / 123P
i.MX 93 Applications Processors Data Sheet for Commercial Products
Rev. 7 - 12 February 2026
More results

Similar Description - IMX93CEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1170AEC NXP-IMXRT1170AEC Datasheet
1Mb / 140P
i.MX RT1170 Crossover Processors Data Sheet for Automotive Products
Rev. 3, 07/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com