Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 42Page - NXP Semiconductors IMX93CEC Datasheet HTML 43Page - NXP Semiconductors IMX93CEC Datasheet HTML 44Page - NXP Semiconductors IMX93CEC Datasheet HTML 45Page - NXP Semiconductors IMX93CEC Datasheet HTML 46Page - NXP Semiconductors IMX93CEC Datasheet HTML 47Page - NXP Semiconductors IMX93CEC Datasheet HTML 48Page - NXP Semiconductors IMX93CEC Datasheet HTML 49Page - NXP Semiconductors IMX93CEC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
46
NXP Semiconductors
Electrical characteristics
Figure 17. SPDIF_SR_CLK timing diagram
Figure 18. SPDIF_ST_CLK timing diagram
4.10.3 PDM Microphone interface timing parameters
NOTE
These timing requirements apply only if the clock divider is enabled
(PDM_CTRL2[CLKDIV] = 0), otherwise there are no special timing
requirements.
The PDM microphones must meet the setup and hold timing requirements shown in the following table. The “k”
factor value in Table 49 depends on the selected quality mode as shown in Table 50.
SPDIF_SR_CLK low period
srckpl
16.0
—
ns
Modulating Tx clock (SPDIF_ST_CLK) period
stclkp
40.0
—
ns
SPDIF_ST_CLK high period
stclkph
16.0
—
ns
SPDIF_ST_CLK low period
stclkpl
16.0
—
ns
Table 49. PDM timing parameters
Parameter
Value
trs, tfs
1
1 @moduleNickname = PDM. Depending on K value, user must make sure floor (K x CLKDIV) > 1 to avoid timing problems.
trh, tfh
>= 0
Table 48. SPDIF timing parameters (continued)
Parameter
Symbol
Timing Parameter Range
Unit
Min
Max
SPDIF_SR_CLK
(Output)
VM
VM
srckp
srckph
srckpl
SPDIF_ST_CLK
(Input)
VM
VM
stclkp
stclkph
stclkpl
@(moduleNickname)_CLK_ROOTrate
<=
floor (kxCLKDIV) - 1
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com