Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors IMX93CEC Datasheet HTML 11Page - NXP Semiconductors IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
10
NXP Semiconductors
Modules list
LCDIF
LCD Interface
The LCD Interface (LCDIF) is, a general purpose display controller,
used to drive a wide range of display devices varying in size and
capability.
LDB
LVDS Display Bridge
LVDS Display Bridge provides the following functionalities:
• Connectivity to relevant devices - Displays with LVDS receivers.
• Arranging the data as required by the external display receiver
and by LVDS display standards.
• Synchronization and control capabilities.
LPI2C1
LPI2C2
LPI2C3
LPI2C4
LPI2C5
LPI2C6
LPI2C7
LPI2C8
Low Power Inter-integrated
Circuit
The LPI2C is a low power Inter-Integrated Circuit (I2C) module that
supports an efficient interface to an I2C bus as a controller and/or as
a target.
The I2C provides a method of communication between a number of
external devices. More detailed information, see Section 4.12.5,
LPI2C timing parameters.
LPSPI1
LPSPI2
LPSPI3
LPSPI4
LPSPI5
LPSPI6
LPSPI7
LPSPI8
Low Power Serial Peripheral
Interface
The LPSPI is a low power Serial Peripheral Interface (SPI) module
that support an efficient interface to an SPI bus as a master and/or a
slave.
• It can continue operating while the chip is in stop modes, if an
appropriate clock is available
• Designed for low CPU overhead, with DMA off loading of FIFO
register access
LPUART1
LPUART2
LPUART3
LPUART4
LPUART5
LPUART6
LPUART7
LPUART8
Low Power UART Interface
Each of the LPUART modules support the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable parity (even,
odd or none)
• Programmable baud rates up to 5 Mbps.
MIPI CSI-2
MIPI CSI-2 Interface
Key features of MIPI CSI-2 controller are listed as following:
• Complaint with MIPI CSI-2 specification v1.3 and MIPI D-PHY
specification v1.2
• Support up to 2 Rx data lanes (plus 1 Rx clock lane)
• MIPI CSI-2 supports:
– Pixel clock up to 200 MHz (at both nominal and overdrive
voltage)
– Up to approximately 150 Mpixel/s supported
– 80 Mbps to 1.5 Gbps per lane data rate in high speed operation
• Support 10 Mbps data rate in low power operation
Table 3. i.MX 93 modules list (continued)
Block mnemonic
Block name
Brief description
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com