Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 32Page - NXP Semiconductors IMX93CEC Datasheet HTML 33Page - NXP Semiconductors IMX93CEC Datasheet HTML 34Page - NXP Semiconductors IMX93CEC Datasheet HTML 35Page - NXP Semiconductors IMX93CEC Datasheet HTML 36Page - NXP Semiconductors IMX93CEC Datasheet HTML 37Page - NXP Semiconductors IMX93CEC Datasheet HTML 38Page - NXP Semiconductors IMX93CEC Datasheet HTML 39Page - NXP Semiconductors IMX93CEC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
36
NXP Semiconductors
Electrical characteristics
4.8.4
SWD timing parameters
The CTL[5:0] = 001111 and SL[1:0] = 11 are required drive settings to meet the timing.
Figure 13 depicts the SWD timing.
Table 32. JTAG Timing1,2
1 Input timing assumes an input signal slew rate of 3 ns (20%/80%).
2 Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 ,
unterminated, 5-inch microstrip trace on standard FR4 (1.5 pF/inch), (25 pF total with margin). For best signal integrity, the
series resistance of the transmission line can be equal to the selected RDSON of the I/O pad output driver.
ID
Parameter
All Frequencies
Unit
Min
Max
SJ0
JTAG_TCK frequency of operation3,4
3 TDC = target frequency of JTAG
4 50 MHz frequency is for the JTAG debug interface. For boundary scan, the maximum TCK frequency is 10 MHz.
—50
MHz
SJ1
JTAG_TCK cycle time in crystal mode
20
—
ns
SJ2
JTAG_TCK clock pulse width measured at VM5
5 VM = mid-point voltage
10
—
ns
SJ3
JTAG_TCK rise and fall times
—
3
ns
SJ4
Boundary scan input data set-up time
15
—
ns
SJ5
Boundary scan input data hold time
15
—
ns
SJ6
JTAG_TCK low to output data valid
—
600
ns
SJ7
JTAG_TCK low to output high impedance
—
600
ns
SJ8
JTAG_TMS, JTAG_TDI data set-up time
5
—
ns
SJ9
JTAG_TMS, JTAG_TDI data hold time
5
—
ns
SJ10
JTAG_TCK low to JTAG_TDO data valid
—
14
ns
SJ11
JTAG_TCK low to JTAG_TDO high impedance
—
14
ns
SJ14
JTAG_TCK low to JTAG_TDO data invalid
1
—
ns
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com