Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 39Page - NXP Semiconductors IMX93CEC Datasheet HTML 40Page - NXP Semiconductors IMX93CEC Datasheet HTML 41Page - NXP Semiconductors IMX93CEC Datasheet HTML 42Page - NXP Semiconductors IMX93CEC Datasheet HTML 43Page - NXP Semiconductors IMX93CEC Datasheet HTML 44Page - NXP Semiconductors IMX93CEC Datasheet HTML 45Page - NXP Semiconductors IMX93CEC Datasheet HTML 46Page - NXP Semiconductors IMX93CEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 126 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
43
The CTL[5:0] = 001111 and SL[1:0] = 11 are required drive settings to meet the timing.
For the 50 MHz BCLK operation, the BCLK and SYNC must always be in the same direction as the data
(source synchronous):
•
SAI transmitter must be in asynchronous mode with BCLK and SYNC configuration as outputs
•
SAI receiver must be:
— In asynchronous mode with BCLK and SYNC configuration as inputs
— In synchronous mode with SAI_RCR2[BCI] = 1
Table 45. Master mode SAI timing (50 MHz)1,2,3
1 To achieve 50 MHz for BCLK operation, clock must be set in feedback mode.
2 Input timing assumes an input signal slew rate of 3 ns (20%/80%).
3 Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 ohm.
Unterminated, 5-inch microstrip trace on standard FR4 (1.5 pF/inch), (25 pF total with margin). For best signal integrity, the
series resistance in the transmission line should be equal to the selected RDSON of the I/O pad output driver.
Num
Characteristic
Min
Max
Unit
S1
SAI_MCLK cycle time
20
—
ns
S2
SAI_MCLK pulse width high/low
40%
60%
MCLK period
S3
SAI_BCLK cycle time
20
—
ns
S4
SAI_BCLK pulse width high/low
40%
60%
BCLK period
S5
SAI_BCLK to SAI_FS output valid
—
3
ns
S6
SAI_BCLK to SAI_FS output invalid
-2
—
ns
S7
SAI_BCLK to SAI_TXD valid
—
3
ns
S8
SAI_BCLK to SAI_TXD invalid
-2
—
ns
S9
SAI_RXD/SAI_FS input setup before SAI_BCLK
3
—
ns
S10
SAI_RXD/SAI_FS input hold after SAI_BCLK
2
—
ns
Table 46. Master mode SAI timing (25 MHz)1,2
Num
Characteristic
Min
Max
Unit
S1
SAI_MCLK cycle time
40
—
ns
S2
SAI_MCLK pulse width high/low
40%
60%
MCLK period
S3
SAI_BCLK cycle time
40
—
ns
S4
SAI_BCLK pulse width high/low
40%
60%
BCLK period
S5
SAI_BCLK to SAI_FS output valid
—
3
ns
S6
SAI_BCLK to SAI_FS output invalid
-2
—
ns
S7
SAI_BCLK to SAI_TXD valid
—
3
ns
S8
SAI_BCLK to SAI_TXD invalid
-2
—
ns
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com