Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 17Page - NXP Semiconductors IMX93CEC Datasheet HTML 18Page - NXP Semiconductors IMX93CEC Datasheet HTML 19Page - NXP Semiconductors IMX93CEC Datasheet HTML 20Page - NXP Semiconductors IMX93CEC Datasheet HTML 21Page - NXP Semiconductors IMX93CEC Datasheet HTML 22Page - NXP Semiconductors IMX93CEC Datasheet HTML 23Page - NXP Semiconductors IMX93CEC Datasheet HTML 24Page - NXP Semiconductors IMX93CEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
21
4.1.5
Maximum frequency of main modules
Table 14 provides the maximum frequency of main modules in the i.MX 93 of processors.
4.1.6
Clock sources
4.1.6.1
External clock sources
The i.MX 93 processor is designed to function with quartz crystals to generate the frequencies necessary
for operation. 24 MHz for the main clock source and 32.768 kHz for the real time clock. It is possible to
inject frequencies into the input pins of the oscillators (XTALI and RTC_XTALI) if the frequency
precision and jitter precision is sufficient.
The XTAL input is used to synthesize all of the clocks in the system with the RTC_XTAL input
contribution to time keeping and low frequency operations.
Table 15 shows the interface frequency requirements.
Table 16 shows the maximum frequency of external clock.
1 Applying the maximum voltage results in maximum power consumption and heat generation. NXP recommends a voltage set
point = (Vmin + the supply tolerance). This result in an optimized power/speed ratio.
2 VDD_ANAx_1P8 refers to VDD_ANA0_1P8, VDD_ANA1_1P8, and VDD_ANAVDET_1P8.
3 Tj minimum temperature supported at startup where Tj = Ta.
Table 14. Maximum frequency of main modules1
1 For more detailed information about clock, see Chapter Clock Controller Module (CCM) of i.MX 93 Applications Processor
Reference Manual.
Main modules
Frequency
(Low Drive mode)
Frequency
(Nominal mode)
Frequency
(Overdrive mode)
EdgeLock® Secure Enclave
133 MHz
200 MHz
250 MHz
Cortex®-M33 core
133 MHz
200 MHz
250 MHz
Cortex®-A55 cores
0.9 GHz
1.4 GHz
1.7 GHz
DRAM
933 MHz
1400 MHz
1866 MHz
NPU
500 MHz
800 MHz
1000 MHz
Table 15. External input clock frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator1,2
1 External oscillator or a crystal with internal oscillator amplifier.
2 The required frequency stability of this clock source is application dependent.
fckil
—
32.7683
3 Recommended nominal frequency is 32.768 kHz.
—kHz
XTALI Oscillator2
fxtal
—24
—
MHz
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com