Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 22Page - NXP Semiconductors IMX93CEC Datasheet HTML 23Page - NXP Semiconductors IMX93CEC Datasheet HTML 24Page - NXP Semiconductors IMX93CEC Datasheet HTML 25Page - NXP Semiconductors IMX93CEC Datasheet HTML 26Page - NXP Semiconductors IMX93CEC Datasheet HTML 27Page - NXP Semiconductors IMX93CEC Datasheet HTML 28Page - NXP Semiconductors IMX93CEC Datasheet HTML 29Page - NXP Semiconductors IMX93CEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
26
NXP Semiconductors
Electrical characteristics
NOTE
•
Automatic enter self-refresh when there is no DRAM access;
•
Put into self-refresh mode by software before entering low power mode;
•
Turn off externally by PMIC when PMIC_STBY_REQ signal is
asserted.
•
Remote wakeup can be supported if the USB PHY power is on in this
mode.
4.2.3
Chip power in different Low Power modes
Table 23 shows power consumption in different LP modes.
SYSTEM_PLL 1/2/3
ON
OFF
OFF
XTAL
ON
OFF
OFF
RTC
ON
ON
ON
External DRAM device
Self-Refresh
Self-Refresh
OFF
USB PHY
In Low Power State
OFF
OFF
DRAM clock
266 MHz
OFF
OFF
NOC clock
133 MHz
OFF
OFF
AXI clock
133 MHz
OFF
OFF
Module clocks
ON as needed
OFF
OFF
EdgeLock® Secure Enclave
ON
ON
ON
GPIO Wakeup
Yes
Yes
OFF
RTC Wakeup
Yes
Yes
Yes
USB remote wakeup
Yes
No1
No
Other wakeup source
Yes
No2
No
WAKEUPMIX
ON
OFF3
OFF
MLMIX
ON
OFF
OFF
NICMIX
ON as needed
OFF
OFF
1 USB remote wakeup can be “Yes” if required.
2 Other wakeup source can be “Yes” if required.
3 WAKEUPMIX can be “ON” if required.
Table 23. Chip power in different LP modes (Sheet 1 of 2)
Mode
Supply
Voltage (V)
Power (mW)1
BBSM
NVCC_BBSM_1P8
1.8
0.14
Table 22. Low power mode definition (continued)
IDLE
SUSPEND
BBSM
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com