Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Application Processors Data Sheet for Commercial Products
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 45Page - NXP Semiconductors IMX93CEC Datasheet HTML 46Page - NXP Semiconductors IMX93CEC Datasheet HTML 47Page - NXP Semiconductors IMX93CEC Datasheet HTML 48Page - NXP Semiconductors IMX93CEC Datasheet HTML 49Page - NXP Semiconductors IMX93CEC Datasheet HTML 50Page - NXP Semiconductors IMX93CEC Datasheet HTML 51Page - NXP Semiconductors IMX93CEC Datasheet HTML 52Page - NXP Semiconductors IMX93CEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Commercial Products, Rev. 3, 12/2023
NXP Semiconductors
49
Ccompare
Fixed compare cycles
—
17.5
—
Cycles
—
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
Cycles
—
DNL
Differential nonlinearity
—
±2
—
LSB
—
INL
Integral nonlinearity
—
±6
—
LSB
—
ENOB
Effective number of bits:
Single-ended mode (11 x 11
mm package)
—10
—bit
5,6,7,8
Effective number of bits:
Single-ended mode (9 x 9 mm
package)
—9.5
—
SINAD
Signal to noise plus distortion SINAD = 6.02 x ENOB + 1.76
dB
—
1 The range is from 1.71 V to 1.89 V.
2 Values in this table are based on test with limited matrix samples in lab environment.
3 This resistance is external to the SoC. To achieve the best results, the analog source resistance must be kept as low as
possible. The results in this data sheet were derived from a system that had < 15 Ω analog source resistance.
4 See Figure 20
5 Noise on the ADC reference voltage (VDD_ANA1P8) will result in performance loss of the ADC proportional to teh noise
present.
6 Input data used for test is 1 kHz sine wave.
7 Measured at VREFH = 1.8 V and pwrsel = 2.
8 ENOB can be lower than shown, if an ADC channel corrupts other ADC channels through capacitive coupling. This coupling
may be dominated by board parasitics. Care must be taken not to corrupt the desired channel being measured. This coupling
becomes worse at higher analog frequencies and with switching waveforms due to the harmonic content.
Table 53. ADC electrical specifications (VREFH = VDD_ANAx_1P81 and VADINmax ≤ VREFH)2 (continued)
Symbol
Description
Min
Typ
Max
Unit
Notes
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com