Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 210 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 210 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 206Page - PMC-Sierra, Inc PM7347 Datasheet HTML 207Page - PMC-Sierra, Inc PM7347 Datasheet HTML 208Page - PMC-Sierra, Inc PM7347 Datasheet HTML 209Page - PMC-Sierra, Inc PM7347 Datasheet HTML 210Page - PMC-Sierra, Inc PM7347 Datasheet HTML 211Page - PMC-Sierra, Inc PM7347 Datasheet HTML 212Page - PMC-Sierra, Inc PM7347 Datasheet HTML 213Page - PMC-Sierra, Inc PM7347 Datasheet HTML 214Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
210
Document ID: PMC-1990267, Issue 3
Register 370H: RXCP-50 Idle Cell Counter (MSB)
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R
ICELL[18]
X
Bit 1
R
ICELL[17]
X
Bit 0
R
ICELL[16]
X
ICELL[18:0]
The ICELL[18:0] bits indicate the number of idle cells received during the last accumulation
interval. The counter should be polled every second to avoid saturation. The contents of these
registers are valid after 24 RCLK periods containing cell header or payload data (line or
PLCP overhead periods do not count) after a transfer is triggered by a write to one of RXCP-
50's performance monitor counters (Registers 369H – 371H) or to the S/UNI-JET
Identification, Master Reset, and Global Monitor Update Register (006H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com