Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 213 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 213 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 209Page - PMC-Sierra, Inc PM7347 Datasheet HTML 210Page - PMC-Sierra, Inc PM7347 Datasheet HTML 211Page - PMC-Sierra, Inc PM7347 Datasheet HTML 212Page - PMC-Sierra, Inc PM7347 Datasheet HTML 213Page - PMC-Sierra, Inc PM7347 Datasheet HTML 214Page - PMC-Sierra, Inc PM7347 Datasheet HTML 215Page - PMC-Sierra, Inc PM7347 Datasheet HTML 216Page - PMC-Sierra, Inc PM7347 Datasheet HTML 217Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
213
Document ID: PMC-1990267, Issue 3
Register 381H: TXCP-50 Configuration 2
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
TCAINV
0
Bit 3
R/W
FIFODP[1]
0
Bit 2
R/W
FIFODP[0]
0
Bit 1
R/W
DHCS
0
Bit 0
R/W
HCSCTLEB
0
HCSCTLEB
The active low HCS control enable, HCSCTLEB bit enables the XORing of the HCS Control
byte with the generated HCS. When set to logic zero, the HCS Control byte provided in the
third word of the 27-byte word data structure is XORed with the generated HCS. When set to
logic one, XORing is disabled and the HCS Control byte is ignored.
DHCS
The DHCS bit controls the insertion of HCS errors for diagnostic purposes. When DHCS is
set to logic one, the HCS octet is inverted prior to insertion in the synchronous payload
envelope. DHCS takes effect unconditionally regardless of whether a null/unassigned cell is
being transmitted or whether the HCS octet has been read from the FIFO. DHCS occurs after
any error insertion caused by the Control Byte in the 27-byte word data structure.
FIFODP[1:0]
The FIFODP[1:0] bits determine the transmit FIFO cell depth at which TCA and DTCA[x]
de-assert. FIFO depth control may be important in systems where the cell latency through the
TXCP-50 must be minimized. When the FIFO is filled to the specified depth, the transmit cell
available signal, TCA (and DTCA[x]) is de-asserted. Note: Regardless of what fill level
FIFODP[1:0] is set to, the transmit cell processor can store four complete cells. The
selectable FIFO cell depths are shown in Table 23:
Table 23 TXCP-50 FIFO Depth Configurations
FIFODP[1]
FIFODP[0]
FIFO DEPTH
0
0
4 cells
0
1
3 cells
1
0
2 cells
11
1 cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com