Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 215 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 215 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 211Page - PMC-Sierra, Inc PM7347 Datasheet HTML 212Page - PMC-Sierra, Inc PM7347 Datasheet HTML 213Page - PMC-Sierra, Inc PM7347 Datasheet HTML 214Page - PMC-Sierra, Inc PM7347 Datasheet HTML 215Page - PMC-Sierra, Inc PM7347 Datasheet HTML 216Page - PMC-Sierra, Inc PM7347 Datasheet HTML 217Page - PMC-Sierra, Inc PM7347 Datasheet HTML 218Page - PMC-Sierra, Inc PM7347 Datasheet HTML 219Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
215
Document ID: PMC-1990267, Issue 3
Register 382H: TXCP-50 Cell Count Status
Bit
Type
Function
Default
Bit 7
R/W
XFERE
0
Bit 6
R
XFERI
X
Bit 5
R
OVR
X
Bit 4
Unused
X
Bit 3
R/W
Reserved
1
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
Reserved
These bits should be set to their default values for proper operation
XFERI
The XFERI bit indicates that a transfer of Transmit Cell Count data has occurred. A logic one
in this bit position indicates that the Transmit Cell Count Registers have been updated. This
update is initiated by writing to one of the Transmit Cell Count Register locations or to the
S/UNI-JET Identification, Master Reset, and Global Monitor Update Register. XFERI is set
to logic zero when this register is read.
OVR
The OVR bit is the overrun status of the Transmit Cell Count Registers. A logic one in this bit
position indicates that a previous transfer (indicated by XFERI being logic one) has not been
acknowledged before the next accumulation interval has occurred and that the contents of the
Transmit Cell Count Registers have been overwritten. OVR is set to logic zero when this
register is read.
XFERE
The XFERE bit enables the generation of an interrupt when an accumulation interval is
completed and new values are stored in the Transmit Cell Count Registers. When XFERE is
set to logic one, the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com